Part Number Hot Search : 
C700011 MSN6004D PC357N CT245 UPG2179 UMB3N IVGC0118 PA2047NL
Product Description
Full Text Search
 

To Download P0641SALRP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SIDACtor (R) Protection Thyristors
SLIC Protection
Fixed Voltage Series - DO-214
Description Fixed Voltage Series DO-214 are uni-directional SIDACtor(R) devices designed to protect SLICs (Subscriber Line Interface Circuit) from damaging overvoltage transients. The series provides single line protection using a fixed voltage switching device for negative surges. All positive surges are routed through an internal diode to a ground reference. Features and Benefits Low voltage overshoot Agency Approvals
Agency Agency File Number E133083
Low on-state voltage Does not degrade with use Applicable Global Standards TIA-968-A TIA-968-B Indicates cathode ITU K.20/21 Enhanced Level ITU K.20/21 Basic Level GR 1089 Inter-building*
*A-rated parts require series resistance
Fails short circuit when surged in excess of ratings Integrated diode for positive voltage surges
Pinout Designation
GR 1089 Intra-building* IEC 61000-4-5 YD/T 1082 YD/T 993 YD/T 950
Schematic Symbol
(T/R) (G)
Electrical Characteristics
VDRM @lDRM=5A V min P0641SALRP P0721SALRP P0901SALRP P1101SALRP P1301SALRP P1701SALRP P0641SCLRP P0721SCLRP P0901SCLRP P1101SCLRP P1301SCLRP P1701SCLRP P61A P71A P91A P01A P131A P17A P61C P71C P91C P01C P131C P17C 58 65 75 95 120 160 58 65 75 95 120 160 VS @100V/s V max 77 88 98 130 160 200 77 88 98 130 160 200 IH mA min 120 120 120 120 120 120 120 120 120 120 120 120 IS mA max 800 800 800 800 800 800 800 800 800 800 800 800 IT A max 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 VT @IT=2.2 Amps V max 4 4 4 4 4 4 4 4 4 4 4 4 VF V max 5 5 5 5 5 5 5 5 5 5 5 5 Capacitance @1MHz, -2V bias pF pF min 50 45 45 40 40 30 65 60 60 50 50 40 pF max 90 85 80 70 70 55 200 190 180 160 160 130
Part Number
Marking
Notes: - Absolute maximum ratings measured at TA= 25C (unless otherwise noted). - Devices are uni-directional (c) 2011 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com for current information. 89 Revised: February 22, 2011
SIDACtor (R) Protection Thyristors
SLIC Protection
Surge Ratings
IPP Series 0.2x310 0.5x700 2
1
2x10 2x10 2
1
8x20 1.2x50 2
1
10x160 10x160 2
1
10x560 1 10x560 2 A min 50 150
5x320 1 9x720 2 A min 75 200
10x360 1 10x360 2 A min 75 175
10x1000 1 10x1000 2 A min 45 100
5x310 1 10x700 2 A min 75 200
ITSM 50/60 Hz A min 20 30
di/dt A/s max 500 500
A min A C
Notes: 1 Current waveform in s 2 Voltage waveform in s
A min 150 500
A min 150 400
A min 90 200
20 50
- Peak pulse current rating (IPP) is repetitive and guaranteed for the life of the product. - IPP - The device must initially be in thermal equilibrium with -40C < TJ <
Thermal Considerations
Package DO-214AA Symbol TJ TS R0JA Parameter Operating Junction Temperature Range Storage Temperature Range Thermal Resistance: Junction to Ambient 90 Value Unit C C C/W
V-I Characteristics
+I VF
tr x td Pulse Waveform
tr = rise time to peak value td = decay time to half value
IPP - Peak Pulse Current - %IPP
100
Peak Value
VS VDRM -V
VT +V
Waveform = tr x td
IDRM IH IS IT -I
50
Half Value
0 0 tr td t - Time (s)
Normalized VS Change vs. Junction Temperature
14 12 10
Normalized DC Holding Current vs. Case Temperature
2.0
Percent of VS Change - %
IH (TC = 25C)
1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4
-40 -20 0 20 40 60 80 100 120 140 160
6 4 2 0 -4 -6 -8 -40 -20 0
IH
8
25 C
25C
20 40 60 80 100 120 140 160
Ratio of
Junction Temperature (TJ) - C
(c) 2011 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com for current information.
Case Temperature (TC) - C
90 Revised: February 22, 2011
SIDACtor (R) Protection Thyristors
SLIC Protection
Soldering Parameters
Reflow Condition
- Temperature Min (Ts(min))
Pb-Free assembly (see Fig. 1)
Figure 1
Pre Heat
- Temperature Max (Ts(max)) - Time (Min to Max) (ts)
TP
Ramp-up
tP
Critical Zone TL to TP
60-180 secs.
TS(max) to TL - Ramp-up Rate Reflow
- Temperature (TL) (Liquidus) - Temperature (tL)
3C/sec. Max. 60-150 secs.
Temperature
Average ramp up rate (Liquidus Temp (TL) to peak)
3C/sec. Max.
TL TS(max)
Preheat
tL
Ramp-down
TS(min)
tS
Peak Temp (TP) Time within 5C of actual Peak Temp (tp) Ramp-down Rate Time 25C to Peak Temp (TP) Do not exceed 30 secs. Max. 6C/sec. Max. 8 min. Max.
25 time to peak temperature (t 25C to peak)
Time
Physical Specifications
Environmental Specifications
High Temp Voltage Blocking 80% Rated VDRM (VAC Peak 504 or 1008 hrs. MIL-STD-750 (Method 1040) JEDEC, JESD22-A-101 cycles. MIL-STD-750 (Method 1051) EIA/JEDEC, JESD22-A104 52 VDC JEDEC, JESD22-A-101 JEDEC, JESD22-A-101 -65C, 1008 hrs. 10 cycles. MIL-STD-750 (Method 1056) JEDEC, JESD22-A-106 JEDEC, JESD22-A-102
Lead Material Terminal Finish Body Material
Copper Alloy 100% Matte-Tin Plated
Temp Cycling
UL recognized epoxy meeting flammability classification 94V-0
Biased Temp & Humidity High Temp Storage Low Temp Storage Thermal Shock Autoclave (Pressure Cooker Test) Resistance to Solder Heat Moisture Sensitivity Level
Part Numbering
Part Marking
P xxx 1 S X L RP
DEVICE TYPE P: SIDACtor MEDIAN VOLTAGE CONSTRUCTION VARIABLE PACKAGE TYPE REEL PACK L: RoHS COMPLIANT IPP RATING
Cathode Indicator
XXXXX XXXXX
Part number code
(refer to Electrical Characteristics table)
Date code
(c) 2011 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com for current information.
91 Revised: February 22, 2011
SIDACtor (R) Protection Thyristors
SLIC Protection
Dimensions -- DO-214AA
Cathode Indicator
B D
Case Temperature Measurement Point
Dimensions
A
Inches Min
0.130 0.201 0.077 0.159 0.030 0.075 0.002 0.077 0.006
Millimeters Min
3.30 5.10 1.95 4.05 0.75 1.90 0.05 1.95 0.15
Max
0.156 0.220 0.087 0.181 0.063 0.096 0.008 0.104 0.016
Max
3.95 5.60 2.20 4.60 1.60 2.45 0.20 2.65 0.41
CA
B C D E F G
G
H E 0.079 (2.0)
F
K
H K
0.110 (2.8) 0.079 (2.0)
Dimensions are in inches (and millimeters).
Pad Outline (MM)
Packing Options
Package Type S Description DO-214AA Tape & Reel Pack Quantity 2500 Added Suffix RP
Industry Standard
EIA-481-D
Tape and Reel Specification -- DO-214AA
0.157 (4.0) 0.472 (12.0)
0.36 (9.2) 0.315 (8.0) 12.99 (330.0) 0.059 DIA (1.5) Cover tape
Cathode
0.512 (13.0) Arbor Hole Dia.
Dimensions are in inches (and millimeters).
0.49 (12.4)
Direction of Feed
(c) 2011 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com for current information.
92 Revised: February 22, 2011


▲Up To Search▲   

 
Price & Availability of P0641SALRP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X